Part Number Hot Search : 
CPC1726Y 000MHZ AP8908 CJSE010 001547 NTE934 IRF640N 2E105
Product Description
Full Text Search
 

To Download 16F100M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  document number: 93491 for technical ques tions, contact: ind-modules@vishay.com www.vishay.com revision: 29-sep-08 1 standard recovery diodes (stud version), 16 a 16f(r) series vishay high power products features ? high surge current capability ? stud cathode and stud anode version ? wide current range ? types up to 1200 v v rrm ? rohs compliant ? designed and qualified for industrial and consumer level typical applications ? battery charges ? converters ? power supplies ? machine tool controls electrical specifications note (1) avalanche version only available from v rrm 400 v to 1200 v product summary i f(av) 16 a do-203aa (do-4) rohs compliant major ratings and characteristics parameter test conditions values units i f(av) 16 a t c 140 c i f(rms) 25 a i fsm 50 hz 350 a 60 hz 370 i 2 t 50 hz 612 a 2 s 60 hz 560 v rrm range 100 to 1200 v t j - 65 to 175 c voltage ratings type number voltage code v rrm , maximum repetitive peak reverse voltage v v rsm , maximum non-repetitive peak voltage v v r(br) , minimum avalanche voltage v (1) i rrm maximum at t j = 175 c ma 16f(r) 10 100 150 - 12 20 200 275 - 40 400 500 500 60 600 725 750 80 800 950 950 100 1000 1200 1150 120 1200 1400 1350
www.vishay.com for technical questi ons, contact: ind-modules@vishay.com document number: 93491 2 revision: 29-sep-08 16f(r) series vishay high power products standard recovery diodes (stud version), 16 a note (1) available only for avalanch e version, all other par ameters the same as 16f forward conduction parameter symbol test conditions values units maximum average forward current at case temperature i f(av) 180 conduction, half sine wave 16 a 140 c maximum rms forward current i f(rms) 25 a maximum on-repetitive peak reverse power p r (1) 10 s square pulse, t j = t j maximum 15 k/w maximum peak, one-cycle forward, non-repetitive surge current i fsm t = 10 ms no voltage reapplied sinusoidal half wave, initial t j = t j maximum 350 a t = 8.3 ms 370 t = 10 ms 100 % v rrm reapplied 295 t = 8.3 ms 310 maximum i 2 t for fusing i 2 t t = 10 ms no voltage reapplied 612 a 2 s t = 8.3 ms 560 t = 10 ms 100 % v rrm reapplied 435 t = 8.3 ms 395 maximum i 2 t for fusing i 2 t t = 0.1 to 10 ms, no voltage reapplied 6120 a 2 s low level value of threshold voltage v f(to)1 (16.7 % x x i f(av) < i < x i f(av) ), t j = t j maximum 0.77 v high level value of threshold voltage v f(to)2 (i > x i f(av) ), t j = t j maximum 0.90 low level value of forward slope resistance r f1 (16.7 % x x i f(av) < i < x i f(av) ), t j = t j maximum 7.80 m high level value of forward slope resistance r f2 (i > x i f(av) ), t j = t j maximum 5.70 maximum forward voltage drop v fm i pk = 50 a, t j = 25 c, t p = 400 s rectangular wave 1.23 v thermal and mechanical specifications parameter symbol test conditions values units maximum junction operating temperature range t j - 65 to 175 c maximum storage temperature range t stg - 65 to 200 maximum thermal resistance, junction to case r thjc dc operation 1.6 k/w maximum thermal resistance, case to heatsink r thcs mounting surface, smooth, flat and greased 0.5 allowable mounting torque not lubricated threads 1.5 + 0 - 10 % (13) n m (lbf in) lubricated threads 1.2 + 0 - 10 % (10) n m (lbf in) approximate weight 7g 0.25 oz. case style see dimensions - link at the end of datasheet do-203aa (do-4)
document number: 93491 for technical ques tions, contact: ind-modules@vishay.com www.vishay.com revision: 29-sep-08 3 16f(r) series standard recovery diodes (stud version), 16 a vishay high power products note ? the table above shows the increment of thermal resistance r thjc when devices operate at di fferent conduction angles than dc fig. 1 - current ratings characteristics f ig. 2 - current ratings characteristics fig. 3 - forward powe r loss characteristics r thjc conduction conduction angle sinusoidal conduction rec tangular conduction test conditions units 180 0.31 0.23 t j = t j maximum k/w 120 0.38 0.40 90 0.49 0.54 60 0.72 0.75 30 1.20 1.21 130 140 150 160 170 180 048121620 30 60 90 120 180 maximum allowable case temperature (c) conduction angle average forward current (a) 16f(r) series r (dc) = 1.6 k/w thjc 130 140 150 160 170 180 0 5 10 15 20 25 30 dc 30 60 90 120 180 maximum allowable case temperature (c) conduction period average forward current (a) 16f(r) series r (dc) = 1.6 k/w thjc 0255075100 maximum allowable ambient temperature (c) 1 0 k / w 1 5k / w r = 4 k / w - d e l t a r t h s a 6 k / w 8 k / w 2 0 k / w 3 0 k / w 0 4 8 12 16 20 0 4 8 121620 average forward current (a) rms limit maximum average forward power loss (w) conduction angle 180 120 90 60 30 16f(r) series t = 175c j
www.vishay.com for technical questi ons, contact: ind-modules@vishay.com document number: 93491 4 revision: 29-sep-08 16f(r) series vishay high power products standard recovery diodes (stud version), 16 a fig. 4 - forward power loss characteristics fig. 5 - maximum non-repetitive surge current fig. 6 - maximum non-repetitive surge current fig. 7 - forward volt age drop characteristics fig. 8 - thermal impedance z thjc characteristics 0255075100 maximum allowable ambient temperature (c) 1 0 k / w 1 5 k / w r = 4 k / w - d e l t a r t h s a 6 k / w 8 k / w 2 0 k / w 3 0 k / w 0 5 10 15 20 25 0 5 10 15 20 25 30 dc 180 120 90 60 30 average forward current (a) rms limit maximum average forward power loss (w) conduction period 16f(r) series t = 175c j 125 150 175 200 225 250 275 300 325 110100 peak half sine wave forward current (a) number of equal amplitude half cycle current pulses (n) 16f(r) series initial t = 175c @ 60 hz 0.0083 s @ 50 hz 0.0100 s at any rated load condition and with rated v applied following surge. rrm j 125 150 175 200 225 250 275 300 325 350 0.01 0.1 1 peak half sine wave forward current (a) pulse train duration (s) maximum non repetitive surge current 16f(r) series initial t = 175c no voltage reapplied rated v reapplied rrm versus pulse train duration. j 1 10 100 1000 0123456 t = 25c j instantaneous forward current (a) instantaneous forward voltage (v) 16f(r) series t = 175c j 0.1 1 10 0.001 0.01 0.1 1 10 square wave pulse duration (s) thjc transient thermal impedance z (k/w) 16f(r) series steady state value r = 1.6 k/w (dc operation) thjc
document number: 93491 for technical ques tions, contact: ind-modules@vishay.com www.vishay.com revision: 29-sep-08 5 16f(r) series standard recovery diodes (stud version), 16 a vishay high power products ordering information table 1 - current rating: code = i f(av) 2 - f = standard device 3 - none = stud normal polarity (cathode to stud) r = stud reverse polarity (anode to stud) 4 - voltage code x 10 = v rrm (see voltage ratings table) 5 - none = stud base do-203aa (do-4) 10-32unf-2a m = stud base do-203aa (do-4) m5 x 0.8 (not available for avalanche diodes) device code 5 13 24 16 f r 120 m links to related documents dimensions http://www.vishay.com/doc?95311
document number: 95311 for tec hnical questions, contact: indmodules@vishay.com www.vishay.com revision: 30-jun-08 1 do-203aa (do-4) outline dimensions vishay semiconductors dimensions in millimeters (inches) 3.30 (0.13) 4.00 (0.16) 5.50 (0.22) min. 10.20 (0.40) max. 11.50 (0.45) 10.70 (0.42) 10/32" unf-2a for metric devices: m5 x 0.8 0.8 0.1 (0.03 0.004) r 0.40 r (0.02) ? 6.8 (0.27) ? 1.80 0.20 (? 0.07 0.01) 3.50 (0.14) 20.30 (0.80) max. 11 (0.43) 2 + 0.3 0 (0.08 ) + 0.01 0
legal disclaimer notice www.vishay.com vishay revision: 12-mar-12 1 document number: 91000 disclaimer all product, product specifications and data are subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employee s, and all persons acting on it s or their behalf (collectivel y, vishay), disclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, repres entation or guarantee regarding the suitabilit y of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicable law, vi shay disclaims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, including without limitation specia l, consequential or incidental damages, and (iii) any and all i mplied warranties, including warra nties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of products for certain type s of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in generic applications. such statements are not binding statements about the suitability of products for a particular application. it is the customers responsib ility to validate that a particu lar product with the properties descri bed in the product specification is suitable fo r use in a particular application. parameters provided in datasheets and/or specification s may vary in different applications an d performance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vish ays terms and condit ions of purchase, including but not limited to the warranty expressed therein. except as expressly indicate d in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vi shay product could result in personal injury or death. customers using or selling vishay products no t expressly indicated for use in such applications do so at their own risk and agr ee to fully indemnify and hold vishay and it s distributors harmless from and against an y and all claims, liabilities, expenses and damages arising or resulting in connection with such use or sale , including attorneys fees, even if such claim alleges that vis hay or its distributor was negligent regarding th e design or manufacture of the part. please contact authorized vishay personnel t o obtain written terms and conditions regardin g products designed for such applications. no license, express or implied, by estoppel or otherwise, to any intellectual prope rty rights is granted by this document or by any conduct of vishay. product names and markings noted herein may be trad emarks of their respective owners. material category policy vishay intertechnology, inc. hereby certi fies that all its products that are id entified as rohs-compliant fulfill the definitions and restrictions defined under directive 2011/65/eu of the euro pean parliament and of the council of june 8, 2011 on the restriction of the use of certain hazardous substances in electrical and electronic equipment (eee) - recast, unless otherwis e specified as non-compliant. please note that some vishay documentation may still make reference to rohs directive 2002/95/ ec. we confirm that all the products identified as being compliant to directive 2002 /95/ec conform to directive 2011/65/eu.


▲Up To Search▲   

 
Price & Availability of 16F100M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X